Part Number Hot Search : 
SD1219 F1001 SOT89 P0800SA 2SK3030 1SMA5927 ISL85 F4007
Product Description
Full Text Search
 

To Download 1N6512SMS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  note: all specifications are subjec t to change without notification. scd's for these devices should be re viewed by ssdi prior to release. data sheet #: rc0170c doc solid state devices, inc. 14701 firestone blvd * la mirada, ca 90638 phone: (562) 404-4474 * fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com designer?s data sheet part number / ordering information 1 / 1n651 __ __ _ _ screening 2 / __ = none tx = tx level txv = txv level s = s level package __ = axial sms = surface mount square tab v oltage 2 = 1,500 v 3 = 2,000 v 4 = 2,500 v 5 = 3,000 v 6 = 4,000 v 7 = 5,000 v 8 = 7,500 v 9 = 10,000 v 1n6512 ? 1n6519 series 0.5 ? 1.5 amp 1,500 v ? 10,000 v ultra fast recovery high voltage rectifier features: ? fast recovery: 70 nsec maximum ? piv to 10 kv ? hermetically sealed axial and surface mount package ? void-free ceramic frit glass construction ? high temperature category i eutectic metallurgical bond ? excellent thermal shock performance ? for use in high voltage systems ? 175c maximum operating temperature ? tx, txv, and space level screening available 2/ maximum ratings 3 / part number v rwm i fsm i o t rr r ? jl1 r ? jl2 r ? jec conditions t p = 8.3 ms 4/ 5/ 25c l = .25 ? (6.35 mm) (air) l = .25 ? (6.35 mm) (oil bath) 6/ 7/ units v dc a (pk) a dc a dc ns c/w c/w c/w 1n6512, sms 1,500 100 1.5 1.0 70 16 12 4 1n6513, sms 2,000 100 1.5 1.0 70 16 12 4 1n6514, sms 2,500 60 1.0 0.65 70 16 12 4 1n6515, sms 3,000 60 1.0 0.65 70 16 12 4 1n6516, sms 4,000 40 0.75 0.5 70 16 12 5 1n6517, sms 5,000 40 0.75 0.5 70 16 12 5 1n6518, sms 7,500 25 0.5 0.35 70 16 12 5 1n6519, sms 10,000 25 0.5 0.35 70 16 12 5 maximum ratings 3 / symbol value unit storage temperature t stg -65 to +200 c operating temperature t j -65 to +175 c notes: 1/ for ordering information, price, and availability ? contact factory. 2/ screening based on mil-prf-19500/575. screening flows available on request. 3/ unless otherwise specified, t a = 25c. 4/ derate linearly for air (+55c t a +100c. i o at t a = +55c to i o at t a = +100c), for oil bath (+80c t l +100c. i o at t l = +80c to i o at t a = +100c), and for end cap (+100c t a +125c. i o at t ec = +100c to i o at t ec = +125c). 5/ derate linearly for air (+100c t a +175c. i o at t a = +100c to i o = 0a at t a = +175c), for oil bath (+100c t l +175c. i o at t l = +100c to i o = 0a at t a = +175c), and for end cap (+125c t a +175c. i o at t ec = +125c to i o = 0a at t a = +175c). 6/ oil or fluorocarbon fluid with leads heat sunk at specified l. 7/ r ? jec is junction to end-cap thermal impedance with ?sms? suffix identification, i.e., 1N6512SMS. axial surface mount square tab
note: all specifications are subjec t to change without notification. scd's for these devices should be re viewed by ssdi prior to release. data sheet #: rc0170c doc electrical characteristics part number v rwm i o i r1 v f1 c conditions t a = +55c t a = 25c @ i o v r = 50v f o = 1 khz units v dc a dc a dc v (pk) pf 1n6512, sms 1,500 1.5 1.0 3.5 25 1n6513, sms 2,000 1.5 1.0 3.5 25 1n6514, sms 2,500 1.0 1.0 6.0 20 1n6515, sms 3,000 1.0 1.0 6.0 20 1n6516, sms 4,000 0.75 1.0 8.0 16 1n6517, sms 5,000 0.75 1.0 8.0 16 1n6518, sms 7,500 0.5 1.0 13.0 8 1n6519, sms 10,000 0.5 1.0 13.0 8 package outline: axial dimensions part number a b c d min max min max min max min max 1n6512 .155 .215 .25 .31 .037 .043 1.0 1.3 1n6513 .155 .215 .25 .31 .037 .043 1.0 1.3 1n6514 .155 .215 .27 .33 .037 .043 1.0 1.3 1n6515 .155 .215 .27 .33 .037 .043 1.0 1.3 1n6516 .155 .215 .29 .35 .037 .043 1.0 1.3 1n6517 .155 .215 .29 .35 .037 .043 1.0 1.3 1n6518 .155 .215 .34 .40 .037 .043 1.0 1.3 1n6519 .155 .215 .34 .40 .037 .043 1.0 1.3 package outline: surface mount square tab c b a a d dimensions part number a b c d min max min max min max min max 1N6512SMS .170 .180 .225 .245 .026 .036 1.0 1.3 1n6513sms .170 .180 .225 .245 .026 .036 1.0 1.3 1n6514sms .170 .180 .245 .265 .026 .036 1.0 1.3 1n6515sms .170 .180 .245 .265 .026 .036 1.0 1.3 1n6516sms .170 .180 .265 .285 .026 .036 1.0 1.3 1n6517sms .170 .180 .265 .285 .026 .036 1.0 1.3 1n6518sms .170 .180 .325 .345 .026 .036 1.0 1.3 1n6519sms .170 .180 .325 .345 .026 .036 1.0 1.3 solid state devices, inc. 14701 firestone blvd * la mirada, ca 90638 phone: (562) 404-4474 * fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com 1n6512 ? 1n6519 series
note: all specifications are subjec t to change without notification. scd's for these devices should be re viewed by ssdi prior to release. data sheet #: rc0170c doc solid state devices, inc. 14701 firestone blvd * la mirada, ca 90638 phone: (562) 404-4474 * fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com 1n6512 ? 1n6519 series


▲Up To Search▲   

 
Price & Availability of 1N6512SMS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X